Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download B43547B2128M0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors snap-in capacitors series/type: b43547 date: october 2015 ? epcos ag 2015. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
long-life grade capacitors applications frequency converters solar inverters uninterruptible power supplies professional power supplies medical appliances features outstanding ripple current capability base cooling available upon request for case sizes 30 35 mm to 35 55 mm very long useful life high cv product, compact high reliability extremely improved performance at high frequencies outstanding low esr at operating conditions above 50 c optimized internal thermal resistance different case sizes available for each capacitance value capacitors with all insulation versions pass the needle flame test according to iec 60695-11-5 for all flame exposure times up to 120 s rohs-compatible construction charge/discharge-proof, polar aluminum case, fully insulated with pvc version with pet insulation available version with additional pet insulation cap on terminal side available for insulating the capacitor from the pcb snap-in solder pins to hold component in place on pc-board minus pole marking on case surface minus pole not insulated from case overload protection by safety vent on the case wall terminals standard version with 2 terminals, 2 lengths available: 6.3 and 4.5 mm 3 terminals to ensure correct insertion: length 4.5 mm snap-in capacitors b43547 outstanding ripple current, compact  105 c page 2 of 20 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. specifications and characteristics in brief rated voltage v r 200 ... 450 v dc surge voltage v s 1.15  v r (for v r 250 v dc) 1.10  v r (for v r 3 400 v dc) rated capacitance c r 82 ... 2200 f capacitance tolerance 20%  m dissipation factor tan d (20 c, 120 hz) v r 400 v dc: tan d 0.15 v r = 450 v dc: tan d 0.20 leakage current i leak (5 min, 20 c) self-inductance esl approx. 20 nh useful life 1) requirements: 105 c; v r ; i ac,r > 8000 h  d c/c  20% of initial value tan d 2 times initial specified limit i leak initial specified limit voltage endurance test post test requirements: 105 c; v r 3000 h  d c/c  10% of initial value tan d 1.3 times initial specified limit i leak initial specified limit vibration resistance test to iec 60068-2-6, test fc: frequency range 10 hz ... 55 hz, displacement amplitude 0.35 mm, acceleration max. 5 g , duration 3 2 h. capacitor mounted by its body which is rigidly clamped to the work surface. characteristics at low temperature max. impedance ratio at 100 hz v r 400 v 450 v z -25 c / z 20 c 3 5 z -40 c / z 20 c 7 10 iec climatic category to iec 60068-1: 40/105/56 (  40 c/+105 c/56 days damp heat test) detail specification sectional specification similar to cecc 30301-809 iec 60384-4 b43547 outstanding ripple current, compact  105 c page 3 of 20 please read cautions and warnings and important notes at the end of this document.
dimensional drawings snap-in capacitors with standard insulation (pvc or pet) snap-in terminals, length (6.3 1) mm. also available in a shorter version with a length of (4.5  1) mm. pet insulation is marked with label "pet" on the sleeve. safety vent on the case wall. snap-in capacitors are also available with 3 terminals (length (4.5  1) mm). pet insulation is marked with label "pet" on the sleeve. safety vent on the case wall. dimensions (mm) approx. weight (g) packing units (pcs.) d +1 l 2 25 25 13 130 25 30 17 130 25 35 19 130 25 40 22 130 25 45 25 130 25 50 29 130 25 55 32 130 dimensions (mm) approx. weight (g) packing units (pcs.) d +1 l 2 30 25 17 80 30 30 23 80 30 35 29 80 30 40 36 80 30 45 41 80 30 50 46 80 30 55 53 80 35 25 22 60 35 30 29 60 35 35 36 60 35 40 41 60 35 45 56 60 35 50 70 60 35 55 81 60 b43547 outstanding ripple current, compact  105 c page 4 of 20 please read cautions and warnings and important notes at the end of this document.
snap-in capacitors with pvc insulation and pet insulation cap on terminal side snap-in terminals, length (6.3 +1/  1.4) mm. also available in a shorter version with a length of (4.5  1.4) mm. pet insulation cap is positioned under the insulation sleeve. safety vent on the case wall. snap-in capacitors are also available with 3 terminals (length (4.5  1.4) mm). pet insulation cap is positioned under the insulation sleeve. safety vent on the case wall. dimensions (mm) approx. weight (g) packing units (pcs.) d +1.4 l +2.2/  2 25 25 13 115 25 30 17 115 25 35 19 115 25 40 22 115 25 45 25 115 25 50 29 115 25 55 32 115 dimensions (mm) approx. weight (g) packing units (pcs.) d +1.4 l +2.2/  2 30 25 17 80 30 30 23 80 30 35 29 80 30 40 36 80 30 45 41 80 30 50 46 80 30 55 53 80 35 25 22 60 35 30 29 60 35 35 36 60 35 40 41 60 35 45 56 60 35 50 70 60 35 55 81 60 b43547 outstanding ripple current, compact  105 c page 5 of 20 please read cautions and warnings and important notes at the end of this document.
packing of snap-in capacitors for ecological reasons the packing is pure cardboard. components can be withdrawn (in full or in part) in the correct position for insertion. ordering codes for terminal styles and insulation features identification in 3rd block of ordering code snap-in capacitors terminal version insulation version pvc pet pvc plus pet cap standard terminals 6.3 mm m000 m060 m080 short terminals 4.5 mm m007 m067 m087 3 terminals 4.5 mm m002 m062 m082 ordering examples: b43547a5107m007 } snap-in capacitor with short terminals and standard pvc insulation b43547a5107m062 } snap-in capacitor with 3 terminals and pet insulation b43547a5107m080 } snap-in capacitor with standard terminals and pvc insulation with additional pet insulation cap on terminal side b43547 outstanding ripple current, compact  105 c page 6 of 20 please read cautions and warnings and important notes at the end of this document.
overview of available types v r (v dc) 200 250 400 450 case dimensions d l (mm) c r ( m f) 82 25 25 100 25 25 25 30 120 25 30 25 35 30 25 150 25 35 30 25 25 40 30 30 35 25 180 25 35 30 30 25 45 30 35 35 30 220 25 25 25 45 30 35 35 25 25 50 30 40 35 30 270 25 30 25 50 30 35 35 30 30 45 35 35 330 25 25 25 30 30 25 25 55 30 40 35 35 30 50 35 40 390 25 30 25 35 30 30 30 50 35 40 30 55 35 45 470 25 30 30 25 25 40 30 30 35 25 30 55 35 45 35 50 560 25 35 30 30 25 45 30 35 35 30 35 50 35 55 680 25 40 30 30 35 25 25 50 30 40 35 30 35 55 820 25 45 30 35 35 30 30 45 35 35 1000 25 50 30 40 35 30 30 50 35 40 b43547 outstanding ripple current, compact  105 c page 7 of 20 please read cautions and warnings and important notes at the end of this document.
v r (v dc) 200 250 400 450 case dimensions d l (mm) c r ( m f) 1200 30 45 35 35 35 45 1500 30 50 35 40 35 55 1800 35 45 2200 35 55 the capacitance and voltage ratings listed above are available in different cases upon request. other voltage and capacitance ratings are also available upon request. b43547 outstanding ripple current, compact  105 c page 8 of 20 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 100 hz 20 c m f case dimensions d l mm esr typ 100 hz 20 c m w esr typ 300 hz 60 c m w z max 10 khz 20 c m w i ac,max 100 hz 60 c a i ac,max 100 hz 85 c a i ac,r 100 hz 105 c a ordering code (composition see below) composition of ordering code * = insulation feature # = terminal style 0 = pvc insulation 6 = pet insulation 8 = pvc insulation with additional pet insulation cap on terminal side 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm) v r = 200 v dc 330 25 25 210 80 280 3.32 2.45 1.32 b43547a2337m0*# 390 25 30 170 60 230 3.79 2.80 1.51 b43547a2397m0*# 470 25 30 150 55 200 4.16 3.08 1.65 b43547a2477m0*# 470 30 25 140 45 190 4.65 3.43 1.85 b43547b2477m0*# 560 25 35 120 45 170 4.75 3.52 1.89 b43547a2567m0*# 560 30 30 120 40 160 5.26 3.89 2.10 b43547b2567m0*# 680 25 40 100 40 140 5.45 4.03 2.17 b43547a2687m0*# 680 30 30 100 34 130 5.86 4.33 2.33 b43547b2687m0*# 680 35 25 100 40 140 5.90 4.36 2.34 b43547c2687m0*# 820 25 45 85 34 120 6.22 4.60 2.47 b43547a2827m0*# 820 30 35 80 28 110 6.69 4.94 2.66 b43547b2827m0*# 820 35 30 85 30 110 6.80 5.03 2.88 b43547c2827m0*# 1000 25 50 70 28 95 7.13 5.28 2.84 b43547a2108m0*# 1000 30 40 65 24 90 7.69 5.69 3.26 b43547b2108m0*# 1000 35 30 70 28 95 7.43 5.49 3.14 b43547c2108m0*# 1200 30 45 55 20 75 8.73 6.46 3.70 b43547a2128m0*# 1200 35 35 60 22 80 8.47 6.26 3.58 B43547B2128M0*# 1500 30 50 45 16 60 10.1 7.53 4.31 b43547a2158m0*# 1500 35 40 45 19 65 9.77 7.23 4.13 b43547b2158m0*# 1800 35 45 40 16 55 11.0 8.17 4.67 b43547a2188m0*# 2200 35 55 32 13 45 12.9 9.54 5.46 b43547a2228m0*# b43547 outstanding ripple current, compact  105 c page 9 of 20 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 100 hz 20 c m f case dimensions d l mm esr typ 100 hz 20 c m w esr typ 300 hz 60 c m w z max 10 khz 20 c m w i ac,max 100 hz 60 c a i ac,max 100 hz 85 c a i ac,r 100 hz 105 c a ordering code (composition see below) composition of ordering code * = insulation feature # = terminal style 0 = pvc insulation 6 = pet insulation 8 = pvc insulation with additional pet insulation cap on terminal side 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm) v r = 250 v dc 220 25 25 320 110 440 2.77 2.04 1.10 b43547e2227m0*# 270 25 30 260 85 350 3.20 2.37 1.28 b43547e2277m0*# 330 25 30 220 75 300 3.58 2.65 1.42 b43547e2337m0*# 330 30 25 210 65 280 3.93 2.90 1.56 b43547f2337m0*# 390 25 35 180 65 250 4.06 3.00 1.61 b43547e2397m0*# 390 30 30 170 55 240 4.42 3.27 1.76 b43547f2397m0*# 470 25 40 150 55 210 4.64 3.43 1.85 b43547e2477m0*# 470 30 30 150 50 200 4.93 3.64 1.96 b43547f2477m0*# 470 35 25 150 55 210 5.02 3.71 1.99 b43547g2477m0*# 560 25 45 130 45 180 5.27 3.89 2.10 b43547e2567m0*# 560 30 35 120 40 170 5.58 4.12 2.22 b43547f2567m0*# 560 35 30 120 40 170 5.72 4.23 2.43 b43547g2567m0*# 680 25 50 110 40 150 6.05 4.47 2.41 b43547e2687m0*# 680 30 40 100 32 140 6.40 4.73 2.71 b43547f2687m0*# 680 35 30 110 40 150 6.31 4.66 2.67 b43547g2687m0*# 820 30 45 85 28 120 7.30 5.39 3.09 b43547e2827m0*# 820 35 35 85 32 120 7.19 5.31 3.04 b43547f2827m0*# 1000 30 50 70 24 95 8.40 6.20 3.56 b43547e2108m0*# 1000 35 40 70 26 100 8.21 6.07 3.48 b43547f2108m0*# 1200 35 45 60 22 85 9.29 6.87 3.93 b43547e2128m0*# 1500 35 55 50 17 70 10.9 8.10 4.64 b43547e2158m0*# b43547 outstanding ripple current, compact  105 c page 10 of 20 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 100 hz 20 c m f case dimensions d l mm esr typ 100 hz 20 c m w esr typ 300 hz 60 c m w z max 10 khz 20 c m w i ac,max 100 hz 60 c a i ac,max 100 hz 85 c a i ac,r 100 hz 105 c a ordering code (composition see below) composition of ordering code * = insulation feature # = terminal style 0 = pvc insulation 6 = pet insulation 8 = pvc insulation with additional pet insulation cap on terminal side 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm) v r = 400 v dc 100 25 25 520 170 700 2.06 1.52 0.82 b43547a9107m0*# 120 25 30 430 140 580 2.34 1.73 0.93 b43547a9127m0*# 150 25 35 340 110 460 2.73 2.02 1.09 b43547a9157m0*# 150 30 25 340 110 460 2.88 2.13 1.14 b43547b9157m0*# 180 25 35 290 100 390 3.06 2.26 1.22 b43547a9187m0*# 180 30 30 280 90 380 3.26 2.41 1.30 b43547b9187m0*# 220 25 45 240 75 320 3.58 2.66 1.43 b43547a9227m0*# 220 30 35 230 75 310 3.73 2.76 1.49 b43547b9227m0*# 220 35 25 240 80 320 3.81 2.82 1.51 b43547c9227m0*# 270 25 50 190 65 260 4.15 3.07 1.65 b43547a9277m0*# 270 30 35 190 60 260 4.25 3.14 1.69 b43547b9277m0*# 270 35 30 190 65 260 4.40 3.25 1.86 b43547c9277m0*# 330 25 55 160 55 220 4.82 3.57 1.92 b43547a9337m0*# 330 30 40 160 50 210 4.91 3.63 2.08 b43547b9337m0*# 330 35 35 160 50 210 5.02 3.72 2.13 b43547c9337m0*# 390 30 50 130 40 180 5.57 4.13 2.36 b43547a9397m0*# 390 35 40 130 45 180 5.62 4.16 2.38 b43547b9397m0*# 470 30 55 110 36 150 6.38 4.72 2.71 b43547a9477m0*# 470 35 45 110 36 150 6.37 4.72 2.70 b43547b9477m0*# 560 35 50 95 32 130 7.19 5.33 3.05 b43547a9567m0*# 680 35 55 75 26 110 8.23 6.09 3.49 b43547a9687m0*# b43547 outstanding ripple current, compact  105 c page 11 of 20 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes c r 100 hz 20 c m f case dimensions d l mm esr typ 100 hz 20 c m w esr typ 300 hz 60 c m w z max 10 khz 20 c m w i ac,max 100 hz 60 c a i ac,max 100 hz 85 c a i ac,r 100 hz 105 c a ordering code (composition see below) composition of ordering code * = insulation feature # = terminal style 0 = pvc insulation 6 = pet insulation 8 = pvc insulation with additional pet insulation cap on terminal side 0 = snap-in standard terminals (6.3 mm) 2 = snap-in 3 terminals (4.5 mm) 7 = snap-in short terminals (4.5 mm) v r = 450 v dc 82 25 25 920 250 1330 1.73 1.36 0.73 b43547b5826m0*# 100 25 30 750 200 1090 2.12 1.56 0.84 b43547a5107m0*# 120 25 35 630 170 910 2.41 1.78 0.96 b43547a5127m0*# 120 30 25 620 170 900 2.53 1.86 1.00 b43547b5127m0*# 150 25 40 500 140 730 2.82 2.08 1.12 b43547a5157m0*# 150 30 30 500 130 720 2.93 2.16 1.17 b43547b5157m0*# 150 35 25 500 140 730 3.07 2.26 1.22 b43547c5157m0*# 180 25 45 420 110 610 3.21 2.37 1.28 b43547a5187m0*# 180 30 35 410 110 600 3.32 2.45 1.32 b43547b5187m0*# 180 35 30 420 110 600 3.47 2.56 1.47 b43547c5187m0*# 220 25 50 340 95 500 3.73 2.75 1.48 b43547a5227m0*# 220 30 40 340 90 490 3.83 2.83 1.62 b43547b5227m0*# 220 35 30 340 95 500 3.91 2.88 1.65 b43547c5227m0*# 270 30 45 280 75 400 4.42 3.26 1.88 b43547a5277m0*# 270 35 35 280 75 410 4.48 3.31 1.90 b43547b5277m0*# 330 30 50 230 60 330 5.11 3.77 2.17 b43547a5337m0*# 330 35 40 230 65 330 5.14 3.79 2.18 b43547b5337m0*# 390 30 55 190 50 280 5.79 4.27 2.45 b43547a5397m0*# 390 35 45 190 55 280 5.77 4.25 2.44 b43547b5397m0*# 470 35 50 160 45 240 6.57 4.85 2.79 b43547a5477m0*# 560 35 55 140 40 200 7.27 5.37 3.08 b43547a5567m0*# b43547 outstanding ripple current, compact  105 c page 12 of 20 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5 useful life" on how to interpret useful life. useful life 1) for useful life calculations, please use our web-based "alcap useful life calculation tool", which can be found on the internet under the following link http://www.epcos.com/designtools/alu_useful_life/useful_life.swf. the alcap useful life calculation tool provides calculations of useful life as well as additional data for selected capacitor types under operating conditions defined by the user. frequency characteristics of esr typical behavior impedance z versus frequency f typical behavior at 20 c b43547 outstanding ripple current, compact  105 c page 13 of 20 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have been optimized both with a view to the intended application and with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, some of the high-voltage electrolytes used by epcos are self-extinguishing. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no alternative materials are currently known. however, the amount of dangerous materials used in our products is limited to an absolute minimum. materials and chemicals used in epcos aluminum electrolytic capacitors are continuously adapted in compliance with the epcos corporate environmental policy and the latest eu regulations and guidelines such as rohs, reach/svhc, gadsl, and elv. mds (material data sheets) are available on the epcos website for all types listed in the data book. mds for customer specific capacitors are available upon request. msds (material safety data sheets) are available for all of our electrolytes upon request. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: no electrolyte should come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected areas immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid inhaling electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b43547 outstanding ripple current, compact  105 c page 14 of 20 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages of opposite polarity should be prevented by connecting a diode. 3.1.6 "reverse voltage" mounting position of screw- terminal capacitors screw terminal capacitors must not be mounted with terminals facing down unless otherwise specified. 11.1. "mounting positions of capacitors with screw terminals" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2.5 nm m6: 4.0 nm 11.3 "mounting torques" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" passive flammability avoid external energy, e.g. fire. 8.1 "passive flammability" b43547 outstanding ripple current, compact  105 c page 15 of 20 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" active flammability avoid overload of the capacitors. 8.2 "active flammability" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply excessive mechanical stress to the capacitor terminals when mounting. 10 "maintenance" storage do not store capacitors at high temperatures or high humidity. capacitors should be stored at +5 to +35 c and a relative humidity of 75%. 7.3 "shelf life and storage conditions" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. detailed information can be found on the internet under www.epcos.com/orderingcodes. b43547 outstanding ripple current, compact  105 c page 16 of 20 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des geh?usebodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b43547 outstanding ripple current, compact  105 c page 17 of 20 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b43547 outstanding ripple current, compact  105 c page 18 of 20 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . important notes page 19 of 20
7. the trade names epcos, alu-x, ceradiode, ceralink, cerapad, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, exocore, filtercap, formfit, leaxield, miniblue, minicell, mkd, mkk, motorcap, pcc, phasecap, phasecube, phasemod, phicap, pqsine, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, tfap, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 20 of 20


▲Up To Search▲   

 
Price & Availability of B43547B2128M0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X